Part Number Hot Search : 
MAX5942A 2SK4035 SDR3006 SMLJ60CA 85J4K5 ADP17210 31006 20PFI
Product Description
Full Text Search
 

To Download CDBD20100-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pa ra m et er sy m bo l un it repetitive peak reverse voltage continuous reverse voltage rms voltage voltage maximum forward i f =10.0a maxium forward surge current, 8.3ms singlehalf sine-wave superimposed on rate load (jedec method) v r =v rrm t a =25c t a =100c v r =v rrm page 1 qw -bb035 chip schottky barrier rectifier rev :a comchip t echnology co., l td. v rrm v r v rms i o v f i fsm i r r jc t j 20 20 14 40 40 28 60 60 42 20.0 0.75 150 0.5 50 2.0 80 80 56 150 150 105 v v v a v a ma c/w c 0.55 1.00 operating temperature storage temperature t stg -65 to +175 c -55 to +125 -55 to +150 features - batch process design , excellent power dissipation of fers better reverse leakage current and thermal resistance . - low profile surface mounted application in order to optimize board space . - low power loss , high ef ficiency . - high current capability , low forward voltage drop . - high surge capability . - guardring for overvoltage protection . - ultra high - speed switching . - silicon epitaxial planar chip , metal silicon junction . - lead - free parts meet environmental standards of mil - std -19500 /228 dimensions in inches and ( millimeters ) d2p ak reverse v oltage: 20 to 200 v olts forward current: 20.0 amp rohs device cdbd2020-g thru. cdbd20200-g mechanical data 2020-g cdbd 2040-g cdbd 2050-g cdbd 2060-g cdbd 2080-g cdbd 20150-g cdbd 50 50 35 j u n c ti o n t o c a s e 0.402(10.20) 0.386(9.80) 0.192(4.8) 0.176(4.4) 0.370(9.40) 0.354(9.00) 0.205(5.20) 0.189(4.80) 0.063(1.60) 0.055(1.40) 0.024(0.60) 0.016(0.40) 0.055(1.40) 0.047(1.20) 0.185(4.70) 0.169(4.30) 0.012(0.30) 0.004(0.10) 0.108(2.70) 0.092(2.30) 0.046(1.20) 0.032(0.80) case: t o-263/d2p ak, molded plastic. - t erminals: solderable per mil-std-750, - method 2026. polarity: indicated by cathode band. - - w eight:1.46 gram(approx.). w eunting position: any - 30 30 21 2030-g cdbd 100 100 70 20100-g cdbd 20200-g cdbd 200 200 140 0.85 i r ma pin 1 pin 3 pin 2 2 1 3 45 45 31.5 2045-g cdbd maximum forward rectified current (see fig. 1) maximumreverse current t yp.thermal resistance maximum ratings (at t a=25c, unless otherwise noted)
chip schottky barrier rectifier page 2 qw -bb035 rev :a comchip t echnology co., l td. ra ting and characteristic cur ves (cdbd2020-g thru. cdbd20200-g) fig .1- typical for w ard current dera ting a v e r a g e f o r w a r d c u r r e n t , ( a ) fig .3- maximum non - repetitive for w ard surge current 0.1 1.0 10 100 fig .4 - typical reverse characteristics r e v e r s e l e a k a g e c u r r e n t , ( m a ) 0 20 40 60 80 100 120 140 0.01 t j =75 c t j =25 c number of cycles a t 60 hz 6 0 3 0 0 9 0 1 5 0 1 2 0 1 1 0 5 5 0 1 0 0 t j = 2 5 c 8 . 3 m s s i n g l e h a l f s i n e w a v e j e d e c m e t h o d percent of ra ted peak reverse vol t age ,(%) p e a k f o r w a r d s u r g e c u r r e n t , ( a ) 1.0 i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) for w ard vol t age ,( v ) fig .2- typical for w ard characteristics 0.1 0.01 10 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 8 0 ~ 1 0 0 v 2 0 ~ 4 0 v 1 5 0 ~ 2 0 0 v 5 0 ~ 6 0 v pulse width 300 us 1% duty cycle t j =25 c 4 8 1 2 1 6 2 0 2 4 0 0 2 0 4 0 6 0 8 0 1 0 0 1 2 0 1 4 0 1 6 0 1 8 0 2 0 0 c a s e t e m p e r a t u r e , ( c ) c d b d 2 0 2 0 - g ~ c d b d 2 0 4 5 - g c d b d 2 0 5 0 - g ~ c d b d 2 0 2 0 0 - g cur ve
page 3 rev :a comchip t echnology co., l td. chip schottky barrier rectifiers qw -bb035 o 1 2 0 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start d 1 d 2 d w 1 t c direction of feed reel t aping specification i n d e x h o l e d e f b w a p p 0 p 1 b c d d d 2 d 1 t o - 2 6 3 / d 2 p a k s y m b o l a ( m m ) ( i n c h ) 1 . 9 6 9 m i n . 1 6 . 0 0 0 . 1 0 1 . 5 0 0 . 1 0 5 0 . 0 m i n . 1 3 . 0 0 . 5 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 1 0 2 4 . 0 0 0 . 3 0 3 0 . 0 0 1 . 0 3 3 0 . 0 0 2 . 0 0 0 . 0 5 9 0 . 0 0 4 1 3 . 0 0 0 . 0 7 9 0 . 5 1 2 0 . 0 2 0 s y m b o l ( m m ) ( i n c h ) 0 . 9 4 5 0 . 0 1 2 0 . 6 3 0 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 1 . 1 8 1 0 . 0 3 9 e f p p 0 p 1 w w 1 1 . 7 5 0 . 1 0 0 . 0 6 9 0 . 0 0 4 1 1 . 5 0 0 . 1 0 0 . 4 5 3 0 . 0 0 4 t o - 2 6 3 / d 2 p a k 1 0 . 7 0 0 . 1 0 0 . 4 2 1 0 . 0 0 4 1 6 . 3 0 0 . 1 0 0 . 6 4 2 0 . 0 0 4 5 . 1 0 0 . 1 0 0 . 2 0 1 0 . 0 0 4 0 . 2 3 0 . 1 0 t 0 . 0 0 9 0 . 0 0 4
suggested p ad layout part number marking code marking code cdbd2020-g page 4 rev :a comchip t echnology co., l td. chip schottky barrier rectifiers qw -bb035 cdbd2040-g cdbd2060-g cdbd2080-g size (inch) 0.374 (mm) 9.50 2.50 16.90 0.098 0.665 10.80 0.425 x2 1.10 0.043 b c x1 a t o - 2 6 3 / d 2 p a k cdbd2050-g cdbd2030-g c x 1 x 2 y 1 a b y 2 1 1.40 0.449 y2 3.50 0.138 y1 xxxxxx / xxxxxxx = product type marking code xxxxxx cdbd20150-g cdbd20200-g CDBD20100-G sk 2020 sk 2030 sk 2040 sk 2050 sk 2060 sk 2080 sk 20100 sk 20150 sk 20200 cdbd2045-g sk 2045 t o - 2 6 3 / d 2 p a k standard packaging c a s e t y p e 8 0 0 r e e l ( p c s ) reel size (inch) 1 3 r e e l p a c k


▲Up To Search▲   

 
Price & Availability of CDBD20100-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X